Part Number Hot Search : 
FP6421 AD8202YR TGC1430H 164H10 3CX800 107F104K 0603C10 2060CT
Product Description
Full Text Search
 

To Download 74F640PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F640 * 74F645 Octal Bus Transceiver with 3-STATE Outputs
July 1989 Revised August 1999
74F640 * 74F645 Octal Bus Transceiver with 3-STATE Outputs
General Description
These devices are octal bus transceivers designed for asynchronous two-way data flow between the A and B busses. Both busses are capable of sinking 64 mA, have 3STATE outputs, and a common output enable pin. The direction of data flow is determined by the transmit/receive (T/R) input. The 74F645 is a high speed/low power version of the 74F245. The 74F640 is an inverting option of the 74F645.
Features
s Designed for asynchronous two-way data flow between busses s Outputs sink 64 mA s Transmit/receive (T/R) input controls the direction of data flow s 74F645 is a lower power, faster version of the 74F245 s 74F640 is an inverting option of the 74F645
Ordering Code:
Order Number 74F640SC 74F640PC 74F645PC Package Number M20B N20A N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagram
(c) 1999 Fairchild Semiconductor Corporation
DS010267
www.fairchildsemi.com
74F640 * 74F645
Unit Loading/Fan Out
Pin Names OE T/R A0-A7 B0-B7 Description Output Enable Input (Active LOW) Transmit/Receive Input Side A Inputs or 3-STATE Outputs Side B Inputs or 3-STATE Outputs U.L. HIGH/LOW 1.0/1.0 1.0/1.0 3.5/0.667 600/106.6 3.5/0.667 600/106.6 Input IIH/IIL Output IOH/IOL 20 A/-0.6 mA 20 A/-0.6 mA 70 A/-0.4 mA -12 mA/64 mA 70 A/-0.4 mA -12 mA/64 mA
Functional Description
The output enable (OE) is active LOW. If the device is disabled (OE HIGH), the outputs are in the high impedance state. The transmit/receive input (T/R) controls whether data is transmitted from the A bus to the B bus or from the B bus to the A bus. When T/R is LOW, B data is sent to the A bus. If T/R is HIGH, A data is sent to the B bus.
Function Table
Inputs OE L L H T/R L H X 74F640 Bus B data to Bus A Bus A data to Bus B Z Outputs 74F645 Bus B data to Bus A Bus A data to Bus B Z
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High Impedance State
Logic Diagram
74F640
74F645
www.fairchildsemi.com
2
74F640 * 74F645
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) ESD Last Passing Voltage (Min) twice the rated IOL (mA) 4000V -0.5V to VCC -0.5V to +5.5V -65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C +4.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH VOL IIH IBVI IBVIT ICEX VID IOD IIL IIH + IOZH IIL + IOZL IOS IZZ ICCH ICCL ICCZ ICCH ICCL ICCZ Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Input HIGH Current Breakdown (I/O) Output HIGH Leakage Current Input Leakage Test Output Leakage Circuit Current Input LOW Current Output Leakage Current Output Leakage Current Output Short-Circuit Current Bus Drainage Test Power Supply Current (74F640) Power Supply Current (74F640) Power Supply Current (74F640) Power Supply Current (74F645) Power Supply Current (74F645) Power Supply Current (74F645) -100 4.75 3.75 -0.6 70 -650 -225 500 80 80 96 65 80 90 10% VCC 10% VCC 2.0 0.55 5.0 7.0 0.5 50 Min 2.0 0.8 -1.2 Typ Max Units V V V V V A A mA A V A mA A A mA A mA mA mA mA mA mA Min Min Min Max Max Max Max 0.0 0.0 Max Max Max Max 0.0V Max Max Max Max Max Max VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA (Non I/O Pins) IOH = -15 mA (An, Bn) IOL = 64 mA (A n, Bn) VIN = 2.7V (Non I/O Pins) VIN = 7.0V (Non I/O Pins) VIN = 5.5V (An, Bn) VOUT = VCC IID = 1.9 A All Other Pins Grounded VIOD = 150 mV All Other Pins Grounded VIN = 0.5V (Non I/O Pins) VOUT = 2.7V (An, Bn) VOUT = 0.5V (An, Bn) VOUT = 0V VOUT = 5.25 VO = HIGH, VIN = 0.2V VO = LOW VO = HIGH Z VO = HIGH VO = LOW, VIN = 0.2V VO = HIGH Z
3
www.fairchildsemi.com
74F640 * 74F645
AC Electrical Characteristics 74F640
TA = +25C Symbol Parameter Min tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ Propagation Delay A Input to B Output Propagation Delay B Input to A Output Enable Time OE Input to A Output Disable Time OE Input to A Output Enable Time OE Input to B Output Disable Time OE Input to B Output 2.5 2.0 2.5 2.0 2.5 2.5 1.5 1.5 2.5 2.5 1.5 1.5 VCC = +5.0V CL = 50 pF Typ Max 7.5 7.0 7.5 7.0 7.5 8.0 7.0 6.0 7.5 8.0 7.0 6.0 TA = 0C to +70C VCC = +5.0V CL = 50 pF Min 2.0 2.0 2.0 2.0 2.0 2.0 1.0 1.5 2.0 2.0 1.0 1.5 Max 8.0 7.0 8.0 7.0 9.0 8.5 7.5 6.0 9.0 8.5 7.5 6.0 ns ns ns ns Units
AC Electrical Characteristics 74F645
TA = +25C Symbol Parameter Min tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ Propagation Delay A Input to B Output Propagation Delay B Input to A Output Enable Time OE Input to A Output Disable Time OE Input to A Output Enable Time OE Input to B Output Disable Time OE Input to B Output 1.5 2.0 1.5 2.0 2.5 2.5 1.5 1.0 2.5 2.5 1.5 1.0 VCC = +5.0V CL = 50 pF Typ Max 6.0 7.0 6.0 7.0 8.0 8.5 7.0 5.5 7.5 8.5 6.5 5.5 TA = 0C to +70C VCC = +5.0V CL = 50 pF Min 1.5 2.0 1.5 2.0 2.0 2.0 1.0 1.0 2.0 2.5 1.0 1.0 Max 7.0 7.5 7.0 7.5 9.0 8.5 8.0 5.5 9.5 9.0 7.5 5.5 ns ns ns ns Units
www.fairchildsemi.com
4
74F640 * 74F645
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M20B
5
www.fairchildsemi.com
74F640 * 74F645 Octal Bus Transceiver with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N20A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 74F640PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X